PART |
Description |
Maker |
CS5203A-1GDPR3 CS5203A-2GDPSR3 CS5203A-2GDP3 CS520 |
VOLT REGULATOR|ADJUSTABLE| 1.25 TO 13V|BIPOLAR|SIP|3PIN|PLASTIC VOLT REGULATOR|FIXED| 1.5V|BIPOLAR|SIP|3PIN|PLASTIC 电压调节器|定额| 1.5V的|双极|园区| 3针|塑料 VOLT REGULATOR|FIXED| 3.3V|BIPOLAR|SIP|3PIN|PLASTIC 电压调节器|定额| 3.3 |双极|园区| 3针|塑料
|
Vishay Intertechnology, Inc. Bourns, Inc.
|
LT1033CT LT103302 LT1033 LT1033CP |
VOLT REGULATOR|ADJUSTABLE|-1.2 TO -32V|BIPOLAR|SIP|3PIN|PLASTIC 3A Negative Adjustable Regulator
|
Linear Technology
|
MC7905CD2T |
VOLT REGULATOR,FIXED,-5V,BIPOLAR,SIP,3PIN,PLASTIC From old datasheet system
|
ON Semiconductor
|
MC78L12CPD |
VOLT REGULATOR,FIXED, 12V,BIPOLAR,SIP,3PIN,PLASTIC From old datasheet system
|
Motorola Semiconductor Products Inc
|
STP9NB60FP P9NB60FP STP9NB60 |
N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET Search To STP9NB60FP N - CHANNEL 600V - 0.7ohm - 9A TO-220/TO220FP PowerMESH MOSFET - 600V的通道- 0.7ohm - 9A条TO-220/TO220FP PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
JL120-12BYA JL120-12SYA |
VOLT REGULATOR|FIXED|-12V|BIPOLAR|TO-204/-3|3PIN|METAL 电压调节器|固定| - 12V的|双极| TO-204/-3 | 3针|金属
|
YEONHO Electronics Co., Ltd.
|
LTC3602 LTC3602EFE-PBF LTC3602EFE-TRPBF LTC3602EUF |
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LT3022EDHCPBF LT3022EDHCTRPBF |
1A, 0.9V to 10V, Very Low Dropout Linear Regulator
|
Linear Technology
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
NNCD5.1F NNCD5.6F NNCD6.2F NNCD6.8F NNCD4.3F NNCD4 |
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD 静电放电二极管双噪音裁剪式,阳极通用3针迷你模 RES 309-OHM 0.5% 0.10W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE / ANODE COMMON 3PIN MINI MOLD ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE ANODE COMMON 3PIN MINI MOLD
|
NEC, Corp. NEC Corp. NEC[NEC]
|
BD8355MWV |
Regulators ICs for Digital Cameras and Camcorders System Switching Regulator IC with Built-in FET (10V)
|
http://
|